|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
hy[b/i]18t512400b2[c/f](l) hy[b/i]18t512800b2[c/f](l) hy[b/i]18t512160b2[c/f](l) 512-mbit double-data-rate-two sdram ddr2 sdram internet data sheet rev. 1.40 march 2008
internet data sheet hy[b/i]18t512[40/80/16]0b2[c/f](l) 512-mbit double-dat a-rate-two sdram qag_techdoc_a4, 4.20, 2008-01-25 2 10062006-yptz-cdr7 we listen to your comments any information within this document that yo u feel is wrong, unclear or missing at all? your feedback will help us to continuous ly improve the quality of this document. please send your proposal (including a reference to this document) to: techdoc@qimonda.com revision history: rev. 1.40, 2008-03 adapted internet edition corrected temperature range previous revision: rev. 1.30, 2008-02 corrected all figures relating to dq s/dqs# in chapter 7 and chapter 8 added more producs hy[b/i]18t512[40/80/16]0b2[c/f](l) 512-mbit double-dat a-rate-two sdram internet data sheet rev. 1.40, 2008-03 3 10062006-yptz-cdr7 1overview this chapter gives an overview of the 512-mbit double-d ata-rate-two sdram product family and describes its main characteristics. 1.1 features the 512-mbit double-data-rate-two s dram offers the following key features: ? 1.8 v 0.1 v power supply 1.8 v 0.1 v (sstl_18) compatible i/o ? dram organizations wit h 4,8,16 data in/outputs ? double data rate architecture: ? two data transfers per clock cycle ? four internal banks for concurrent operation ? programmable cas latency: 3, 4, 5 and 6 ? programmable burst length: 4 and 8 ? differential clock inputs (ck and ck ) ? bi-directional, differentia l data strobes (dqs and dqs ) are transmitted / received with da ta. edge aligned with read data and center-aligned with write data. ? dll aligns dq and dqs transitions with clock ?dqs can be disabled for single-ended data strobe operation ? commands entered on each positive clock edge, data and data mask are referenced to both edges of dqs ? data masks (dm) for write data ? posted cas by programmable additive latency for better command and data bus efficiency ? off-chip-driver impedance adjustment (ocd) and on-die-termination (odt) for better signal quality ? auto-precharge operation for read and write bursts ? auto-refresh, self-refresh and power saving power- down modes ? operating temperature range 0 c to 95 c ? industrial temperature range -40 c to 95 c ? average refresh period 7.8 s at a t case lower than 85 c, 3.9 s between 85 c and 95 c ? programmable self refres h rate via emrs2 setting ? programmable partial array refresh via emrs2 settings ? dcc enabling via emrs2 setting ? full and reduced strengt h data-output drivers ? 1kb page size for 4 and 8, 2kb page size for 16 ? packages: pg-tfbga-60, pg-tfbga-84, p-tfbga-60, p-tfbga-84 ? all speed grades faster than ddr2?400 comply with ddr2?400 timing specifications when run at a clock rate of 200 mhz. hy[b/i]18t512[40/80/16]0b2[c/f](l) 512-mbit double-dat a-rate-two sdram internet data sheet rev. 1.40, 2008-03 4 10062006-yptz-cdr7 table 1 performance table 1.2 description the 512-mbit ddr2 dram is a high-speed double-data- rate-two cmos synchronous dram device containing 536, 870, 912 bits and interna lly configured as a quad-bank dram. the 512-mbit device is organized as 32 mbit 4 i/o 4 banks or 16 mbit 8 i/o 4 banks or 8 mbit 16 i/o 4 banks chip. these synchronous devices achieve high speed transfer rates starting at 400 mb/sec/pin for general applications. see table 1 for performance figures. the device is designed to comply with all ddr2 dram key features: 1. posted cas with additive latency. 2. write latency = read latency - 1. 3. normal and weak strength data-output driver. 4. off-chip driver (ocd) impedance adjustment. 5. on-die termination (odt) function. all of the control and address inputs are synchronized with a pair of externally supplied diff erential clocks. inputs are latched at the cross point of di fferential clocks (ck rising and ck falling). all i/os are synchronized with a single ended dqs or differential dqs-dqs pair in a source synchronous fashion. a 16 bit address bus for 4 and 8 organised components is used to convey row, column and bank address information in a ras -cas multiplexing style. a 15 bit address bus for 16 components is used to convey row, column and bank address information in a ras -cas multiplexing style. the ddr2 device operates with a 1.8 v 0.1 v power supply. an auto-refresh and self-refresh mode is provided along with various power-saving power-down modes. the functionality described and the timing specifications included in this data sheet are for the dll enabled mode of operation. the ddr2 sdram is available in tfbga package. qag speed code ?25f ?2.5 ?3 ?3s ?3.7 ?5 unit note dram speed grade ddr2 ?800d ?800e ?667c ?667d ?533c ?400b cas-rcd-rp latencies 5?5?5 6?6?6 4?4?4 5?5?5 4?4?4 3?3?3 t ck max. clock frequency cl3 f ck3 200 200 200 200 200 200 mhz cl4 f ck4 266 266 333 266 266 200 mhz cl5 f ck5 400 333 333 333 266 ? mhz cl6 f ck6 ?400????mhz min. ras-cas-delay t rcd 12.51512151515ns min. row precharge time t rp 12.51512151515ns min. row active time t ras 45 45 45 45 45 40 ns 1) 1) for products released before 01-09-2007. min. row active time t ras 40 40 40 40 40 40 ns 2) 2) products released after 01-09-2007 can support t ras.min = 40 ns for all ddr2 speed sort. min. row cycle time t rc 57.56057606055ns 1) min. row cycle time t rc 52.55552555555ns 2) precharge-all (4 banks) command period t prea 12.51512151515ns hy[b/i]18t512[40/80/16]0b2[c/f](l) 512-mbit double-dat a-rate-two sdram internet data sheet rev. 1.40, 2008-03 5 10062006-yptz-cdr7 table 2 ordering information for rohs compliant products product type 1) org. speed cas-rcd-rp latencies 2)3)4) clock (mhz) package note 5) standard temperature range (0 c - +95 c) ddr2-800e( 6-6-6 ) hyb18t512400b2fl-2.5 4 ddr2-800e 6-6-6 400 pg-tfbga-60 hyb18t512800b2fl-2.5 8 ddr2-800e 6-6-6 400 pg-tfbga-60 hyb18t512160b2fl-2.5 16 ddr2-800e 6-6-6 400 pg-tfbga-84 hyb18t512800b2f-2.5 8 ddr2-800e 6-6-6 400 pg-tfbga-60 hyb18t512400b2f-2.5 4 ddr2-800e 6-6-6 400 pg-tfbga-60 hyb18t512160b2f-2.5 16 ddr2-800e 6-6-6 400 pg-tfbga-84 ddr2-800d( 5-5-5 ) hyb18t512400b2fl-25f 4 ddr2-800d 5-5-5 400 pg-tfbga-60 hyb18t512800b2fl-25f 8 ddr2-800d 5-5-5 400 pg-tfbga-60 hyb18t512160b2fl-25f 16 ddr2-800d 5-5-5 400 pg-tfbga-84 hyb18t512800b2f-25f 8 ddr2-800d 5-5-5 400 pg-tfbga-60 hyb18t512400b2f-25f 4 ddr2-800d 5-5-5 400 pg-tfbga-60 hyb18t512160b2f-25f 16 ddr2-800d 5-5-5 400 pg-tfbga-84 ddr2-667d( 5-5-5 ) hyb18t512400b2fl-3s 4 ddr2-667d 5-5-5 333 pg-tfbga-60 HYB18T512800B2FL-3S 8 ddr2-667d 5-5-5 333 pg-tfbga-60 hyb18t512160b2fl-3s 16 ddr2-667d 5-5-5 333 pg-tfbga-84 hyb18t512800b2f-3s 8 ddr2-667d 5-5-5 333 pg-tfbga-60 hyb18t512400b2f-3s 4 ddr2-667d 5-5-5 333 pg-tfbga-60 hyb18t512160b2f-3s 16 ddr2-667d 5-5-5 333 pg-tfbga-84 ddr2-533c( 4-4-4 ) hyb18t512400b2fl-3.7 4 ddr2-533c 4-4-4 266 pg-tfbga-60 hyb18t512800b2fl-3.7 8 ddr2-533c 4-4-4 266 pg-tfbga-60 hyb18t512160b2fl-3.7 16 ddr2-533c 4-4-4 266 pg-tfbga-84 hyb18t512800b2f-3.7 8 ddr2-533c 4-4-4 266 pg-tfbga-60 hyb18t512400b2f-3.7 4 ddr2-533c 4-4-4 266 pg-tfbga-60 hyb18t512160b2f-3.7 16 ddr2-533c 4-4-4 266 pg-tfbga-84 ddr2-400b( 3-3-3 ) hyb18t512160b2fl-5 16 ddr2-400b 3-3-3 200 pg-tfbga-84 hy[b/i]18t512[40/80/16]0b2[c/f](l) 512-mbit double-dat a-rate-two sdram internet data sheet rev. 1.40, 2008-03 6 10062006-yptz-cdr7 industrial temperature range (?40 c - +95 c) ddr2-800e( 6-6-6 ) hyi18t512400b2f-2.5 4 ddr2-800e 6-6-6 400 pg-tfbga-60 ddr2-800d( 5-5-5 ) hyi18t512400b2f-25f 4 ddr2-800d 5-5-5 400 pg-tfbga-60 ddr2-667d( 5-5-5 ) hyi18t512800b2f-3s 8 ddr2-667d 5-5-5 333 pg-tfbga-60 hyi18t512400b2f-3s 4 ddr2-667d 5-5-5 333 pg-tfbga-60 ddr2-667c( 4-4-4 ) hyi18t512400b2f-3 4 ddr2-667c 4-4-4 333 pg-tfbga-60 hyi18t512800b2f-3 8 ddr2-667c 4-4-4 333 pg-tfbga-60 ddr2-533c( 4-4-4 ) hyi18t512400b2f-3.7 4 ddr2-533c 4-4-4 266 pg-tfbga-60 hyi18t512800b2f-3.7 8 ddr2-533c 4-4-4 266 pg-tfbga-60 ddr2-400b( 3-3-3 ) hyi18t512400b2f-5 4 ddr2-400b 3-3-3 200 pg-tfbga-60 hyi18t512800b2f-5 8 ddr2-400b 3-3-3 200 pg-tfbga-60 1) for detailed information regarding product type of qimonda pl ease see chapter "product nomenc lature" of this data sheet. 2) cas: column address strobe 3) rcd: row column delay 4) rp: row precharge 5) rohs compliant product: restriction of the use of certain hazardous substances (r ohs) in electrical and electronic equipment as defined in the directive 2002/95/ec issued by the european parliament and of the council of 27 january 2003. these substances include m ercury, lead, cadmium, hexavalent chromium, pol ybrominated biphenyls and polybro minated biphenyl ethers. for more information please vi sit www.qimonda.com/green_products . product type 1) org. speed cas-rcd-rp latencies 2)3)4) clock (mhz) package note 5) hy[b/i]18t512[40/80/16]0b2[c/f](l) 512-mbit double-dat a-rate-two sdram internet data sheet rev. 1.40, 2008-03 7 10062006-yptz-cdr7 table 3 ordering information for lead-containing products product type 1) org. speed cas-rcd-rp latencies 2)3)4) clock (mhz) package note standard temperature range (0 c - +95 c) ddr2-800e( 6-6-6 ) hyb18t512400b2c-2.5 4 ddr2-800e 6-6-6 400 p-tfbga-60 hyb18t512800b2c-2.5 8 ddr2-800e 6-6-6 400 p-tfbga-60 hyb18t512160b2c-2.5 16 ddr2-800e 6-6-6 400 p-tfbga-84 ddr2-800d( 5-5-5 ) hyb18t512400b2c-25f 4 ddr2-800d 5-5-5 400 p-tfbga-60 hyb18t512800b2c-25f 8 ddr2-800d 5-5-5 400 p-tfbga-60 hyb18t512160b2c-25f 16 ddr2-800d 5-5-5 400 p-tfbga-84 ddr2-667d( 5-5-5 ) hyb18t512400b2c-3s 4 ddr2-667d 5-5-5 333 p-tfbga-60 hyb18t512800b2c-3s 8 ddr2-667d 5-5-5 333 p-tfbga-60 hyb18t512160b2c-3s 16 ddr2-667d 5-5-5 333 p-tfbga-84 ddr2-667c( 4-4-4 ) hyb18t512400b2c-3 4 ddr2-667c 4-4-4 333 p-tfbga-60 hyb18t512800b2c-3 8 ddr2-667c 4-4-4 333 p-tfbga-60 hyb18t512160b2c-3 16 ddr2-667c 4-4-4 333 p-tfbga-84 ddr2-533c( 4-4-4 ) hyb18t512400b2c-3.7 4 ddr2-533c 4-4-4 266 p-tfbga-60 hyb18t512800b2c-3.7 8 ddr2-533c 4-4-4 266 p-tfbga-60 hyb18t512160b2c-3.7 16 ddr2-533c 4-4-4 266 p-tfbga-84 ddr2-400b( 3-3-3 ) hyb18t512400b2c-5 4 ddr2-400b 3-3-3 200 p-tfbga-60 hyb18t512800b2c-5 8 ddr2-400b 3-3-3 200 p-tfbga-60 hyb18t512160b2c-5 16 ddr2-400b 3-3-3 200 p-tfbga-84 industrial temperature range (?40 c - +95 c) ddr2-800e( 6-6-6 ) hyi18t512400b2c-2.5 4 ddr2-800e 6-6-6 400 p-tfbga-60 hyi18t512800b2c-2.5 8 ddr2-800e 6-6-6 400 p-tfbga-60 hyi18t512160b2c-2.5 16 ddr2-800e 6-6-6 400 p-tfbga-84 ddr2-800d( 5-5-5 ) hyi18t512400b2c-25f 4 ddr2-800d 5-5-5 400 p-tfbga-60 hyi18t512800b2c-25f 8 ddr2-800d 5-5-5 400 p-tfbga-60 hyi18t512160b2c-25f 16 ddr2-800d 5-5-5 400 p-tfbga-84 ddr2-667d( 5-5-5 ) hyi18t512400b2c-3s 4 ddr2-667d 5-5-5 333 p-tfbga-60 hyi18t512800b2c-3s 8 ddr2-667d 5-5-5 333 p-tfbga-60 hy[b/i]18t512[40/80/16]0b2[c/f](l) 512-mbit double-dat a-rate-two sdram internet data sheet rev. 1.40, 2008-03 8 10062006-yptz-cdr7 hyi18t512160b2c-3s 16 ddr2-667d 5-5-5 333 p-tfbga-84 ddr2-667c( 4-4-4 ) hyi18t512400b2c-3 4 ddr2-667c 4-4-4 333 p-tfbga-60 hyi18t512800b2c-3 8 ddr2-667c 4-4-4 333 p-tfbga-60 hyi18t512160b2c-3 16 ddr2-667c 4-4-4 333 p-tfbga-84 ddr2-533c( 4-4-4 ) hyi18t512400b2c-3.7 4 ddr2-533c 4-4-4 266 p-tfbga-60 hyi18t512800b2c-3.7 8 ddr2-533c 4-4-4 266 p-tfbga-60 hyi18t512160b2c-3.7 16 ddr2-533c 4-4-4 266 p-tfbga-84 ddr2-400b( 3-3-3 ) hyi18t512400b2c-5 4 ddr2-400b 3-3-3 200 p-tfbga-60 hyi18t512800b2c-5 8 ddr2-400b 3-3-3 200 p-tfbga-60 hyi18t512160b2c-5 16 ddr2-400b 3-3-3 200 p-tfbga-84 1) for detailed information regarding product type of qimonda pl ease see chapter "product nomenc lature" of this data sheet. 2) cas: column address strobe 3) rcd: row column delay 4) rp: row precharge product type 1) org. speed cas-rcd-rp latencies 2)3)4) clock (mhz) package note hy[b/i]18t512[40/80/16]0b2[c/f](l) 512-mbit double-dat a-rate-two sdram internet data sheet rev. 1.40, 2008-03 9 10062006-yptz-cdr7 2 configuration this chapter contains the chip configuration. 2.1 configuration for tfbga-60 the chip configuration of a ddr2 sdram is listed by function in table 4 . the abbreviations used in the ball# columns are explained in table 5 and table 6 respectively. the ball numbering for the fbga package is depicted in figures. table 4 configuration ball# name ball type buffer type function clock signals 4 /8 organizations e8 ck i sstl clock signal ck, ck f8 ck i sstl f2 cke i sstl clock enable control signals 4 /8 organizations f7 ras i sstl row address strobe (ras), co lumn address strobe (cas), write enable (we) g7 cas i sstl f3 we i sstl g8 cs i sstl chip select address signals4 /8 organizations g2 ba0 i sstl bank address bus 1:0 g3 ba1 i sstl h8 a0 i sstl address signal 13:0, address signal 10/autoprecharge h3 a1 i sstl h7 a2 i sstl j2 a3 i sstl j8 a4 i sstl j3 a5 i sstl j7 a6 i sstl k2 a7 i sstl k8 a8 i sstl k3 a9 i sstl h2 a10 i sstl ap i sstl k7 a11 i sstl l2 a12 i sstl l8 a13 i sstl hy[b/i]18t512[40/80/16]0b2[c/f](l) 512-mbit double-dat a-rate-two sdram internet data sheet rev. 1.40, 2008-03 10 10062006-yptz-cdr7 data signals 4 /8 organizations c8 dq0 i/o sstl data signal 3:0 c2 dq1 i/o sstl d7 dq2 i/o sstl d3 dq3 i/o sstl d1 dq4 i/o sstl data signal 7:4 d9 dq5 i/o sstl b1 dq6 i/o sstl b9 dq7 i/o sstl data strobe 4 /8 organizations b7 dqs i/o sstl data strobe a8 dqs i/o sstl data strobe 8 organisation b3 rdqs o sstl read data strobe a2 rdqs o sstl data mask 4 /8 organizations b3 dm i sstl data mask power supplies 4 /8 organizations a9, c1, c3, c7, c9 v ddq pwr ? i/o driver power supply a1, e9, h9, l1 v dd pwr ? power supply a7, b2, b8, d2, d8 v ssq pwr ? i/o driver power supply a3, e3, j1, k9 v ss pwr ? power supply e2 v ref ai ? i/o reference voltage e1 v ddl pwr ? power supply e7 v ssdl pwr ? power supply not connected 4 organization a2, b1, b9, d1, d9, g1, l3, l7 nc nc ? not connected not connected 8 organization g1, l3, l7 nc nc ? not connected other balls 4 /8 organizations f9 odt i sstl on-die termination control ball# name ball type buffer type function hy[b/i]18t512[40/80/16]0b2[c/f](l) 512-mbit double-dat a-rate-two sdram internet data sheet rev. 1.40, 2008-03 11 10062006-yptz-cdr7 table 5 abbreviations for ball type table 6 abbreviations for buffer type abbreviation description i standard input-only ball. digital levels o output. digital levels i/o i/o is a bidirectional input/output signal ai input. analog levels pwr power gnd ground nc not connected abbreviation description sstl serial stub terminated logic (sstl_18) lv-cmos low voltage cmos cmos cmos levels od open drain. the corresponding ball has 2 oper ational states, active low and tristate, and allows multiple devices to share as a wire-or. hy[b/i]18t512[40/80/16]0b2[c/f](l) 512-mbit double-dat a-rate-two sdram internet data sheet rev. 1.40, 2008-03 12 10062006-yptz-cdr7 figure 1 configuration for 4 components, tfbga-60 (top view) note: v ddl and v ssdl are power and ground for the dll. v ddl is connected to v dd on the device. v dd , v ddq , v ssdl , v ss , and v ssq are isolated on the device. 0 3 3 7 & |